Part Number Hot Search : 
GH80N 2SC3040 DZ23C18 1N6274E3 SA110 B5470 TM9323 D4812
Product Description
Full Text Search
 

To Download SS34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS32 THRU SS310
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Voltage Range 20 to 100 Volts Current 3.0 Amperes
Features
For surface mounted application Metal to silicon rectifier, majority carrier conduction Low forward voltage drop Easy pick and place High surge current capability Plastic material used carriers Underwriters Laboratory Classification 94V-0 Epitaxial construction High temperature soldering: 260oC / 10 seconds at terminals
SMC/DO-214AB
.129(3.27) .118(3.0) .245(6.22) .220(5.59)
.280(7.11) .260(6.60) .012(.31) .006(.15)
Mechanical Data
Case: Molded plastic Terminals: Solder plated Polarity: Indicated by cathode band Packaging: 16mm tape per EIA STD RS-481 Weight: 0.21 gram
.103(2.62) .079(2.00)
.060(1.52) .030(0.76) .320(8.13) .305(7.75)
.008(.20) .004(.10)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SS SS SS SS Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TL(See Fig. 1) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage (Note 1) @ 3.0A Maximum DC Reverse Current @ TA =25 at Rated DC Blocking Voltage @ TA=100
VRRM VRMS VDC I(AV) IFSM VF IR
32 20 14 20
33 30 21 30
34 40 28 40
35 50 35 50 3.0 100
SS 36 60 42 60
SS 39 90 63 90
SS 310 100 70 100
Units
V V V A A
0.5 0.5 20
0.75
0.85
V mA mA /W /W
0.6 10.0 20 RJL 17 Typical Thermal Resistance ( Note 2 ) 55 RJA Operating Temperature Range TJ -55 to +125 -55 to +150 Storage Temperature Range TSTG -55 to +150 Notes: 1. Pulse Test with PW=300 usec, 1% Duty Cycle 2. Measured on P.C.Board with 0.6 x 0.6"(16 x 16mm) Copper Pad Areas.
- 56 -
RATINGS AND CHARACTERISTIC CURVES (SS32 THRU SS310)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
3 150
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
AT RATED TL 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
RESISTIVE OR INDUCTIVE LOAD
130
SS35-SS310
2
SS32-SS34
110
1
90
70
PCB MOUNTED ON 0.6X0.6" (16X16mm) COPPER PAD AREAS 0 50 60 70 80 90 100 110
o
120
130
140
150
160
50
1
10 NUMBER OF CYCLES AT 60Hz
100
LEAD TEMPERATURE. ( C)
FIG.3- TYPICAL FORWARD CHARACTERISTICS
40
FIG.4- TYPICAL REVERSE CHARACTERISTICS
20 10
INSTANTANEOUS FORWARD CURRENT. (A)
TJ=125 0C
TJ=125 0C
PULSE WIDTH=300 S 1% DUTY CYCLE
TJ=150 0C
INSTANTANEOUS REVERSE CURRENT. (mA)
10
1
1
TJ=25 0C
TJ=75 0C
0.1
0.1
0.01
TJ=25 0C
SS32-SS34 SS35-SS36 SS39-SS310
SS32-SS34 SS35-SS310
0.01 0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.001 0
20
40
60
80
100
120
140
FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
TRANSCIENT THERMAL IMPEDANCE, oC/W
1000
TJ=25 0C f=1.0MHz Vsig=50mVp-p
FIG.6- TYPICAL TRANSIENT TERMAL IMPDANCE
100
JUNCTION CAPACITANCE.(pF)
10
100
1
SS32-SS34 SS35-SS36 SS39-SS310 10 0.1 1 REVERSE VOLTAGE. (V) 10 100
0.1 0.01
0.1
1 t, PULSE DURATION, (sec)
10
100
- 57 -


▲Up To Search▲   

 
Price & Availability of SS34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X